PART |
Description |
Maker |
MUR1605 MUR1630 |
(MUR1605 - MUR1660) 16.0 Amp.Glass Passivated Ultra Fast Recovery Rectifiers
|
Thinki Semiconductor
|
PALLV16V8-10SC PALLV16V8-10PC PALLV16V8-10JC |
EE PLD, 12 ns, PDSO20 PLASTIC, SOP-20 EE PLD, 12 ns, PDIP20 PLASTIC, DIP-20 EE PLD, 12 ns, PQCC20 PLASTIC, LCC-20
|
Advanced Micro Devices, Inc.
|
SFH350V SFH350 |
Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing From old datasheet system
|
Infineon
|
EPX740LC68-15Z EPX780LC84-15Z EPX780QC132-15Z |
OT PLD, 18 ns, PQCC68 PLASTIC, LCC-68 OT PLD, 18 ns, PQCC84 PLASTIC, LCC-84 OT PLD, 18 ns, PQFP132 PLASTIC, QFP-132
|
Altera International Limited
|
EPF10K50RC240 EPF10K10LC84-4 EPF10K20TI144-4 EPF10 |
Embedded Programmable Logic Device Family IC,FPGA,1152-CELL,CMOS,QFP,144PIN,PLASTIC IC,FPGA,576-CELL,CMOS,LDCC,84PIN,PLASTIC IC,FPGA,360-CELL,CMOS,QFP,240PIN,PLASTIC
|
Altera Corporation
|
1N4004GPE/4G 1N4005GPE/100 1N4002GPE/100 1N4003GPE |
Diodes 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 50 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 200 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 100 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 600 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN
|
Vishay Beyschlag
|
LC4256 LC4384V75T176C LC4512 LC4128 LC4064 LC4032 |
IC,COMPLEX-EEPLD,256-CELL,3.8NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,384-CELL,10NS PROP DELAY,QFP,176PIN,PLASTIC IC,COMPLEX-EEPLD,512-CELL,4.5NS PROP DELAY,QFP,176PIN,PLASTIC System Programmable Super Fast High Density PLDs IC,COMPLEX-EEPLD,64-CELL,3.2NS PROP DELAY,QFP,100PIN,PLASTIC IC,COMPLEX-EEPLD,32-CELL,3.2NS PROP DELAY,TQFP,48PIN,PLASTIC
|
Lattice Semiconductor Corp
|
PALLV22V10-10JC PALLV22V10-10PC |
EE PLD, 10 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 10 ns, PDIP24 0.300 INCH, SKINNY, PLASTIC, DIP-24
|
Vantis, Corp.
|
MSU2964 MSU2964C16 MSU2964C25 MSU2964C40 MSU2964C1 |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQCC44 PLASTIC, LCC-44 8-Bit Micro-controller MICROCONTROLLER,8-BIT,8051 CPU,CMOS,DIP,40PIN,PLASTIC From old datasheet system
|
Mosel Vitelic, Corp. Mosel-Vitelic MOSEL[Mosel Vitelic, Corp]
|
PEEL22V10AZ3J-15 PEEL22V10AZ3S-15 PEEL22V10AZ3P-15 |
EE PLD, 15 ns, PQCC28 PLASTIC, LCC-28 EE PLD, 15 ns, PDSO24 SOIC-24 EE PLD, 15 ns, PDIP24 0.300 INCH, PLASTIC, DIP-24
|
Integrated Circuit Technology Corp
|
EPM7064TC44-15 EPM7064TC44-7 EPM7128EQC160-10P EPM |
EE PLD, 15 ns, PQFP44 TQFP-44 EE PLD, 7.5 ns, PQFP44 TQFP-44 EE PLD, 10 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 7.5 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 10 ns, PQFP100 PLASTIC, QFP-100 EE PLD, 7.5 ns, PQFP100 PLASTIC, QFP-100 Programmable Logic Device Family High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture Programmable Logic Device Family
|
Altera International Limited Altera Corporation
|
AT89LP52-20AU AT89LP52-20JU AT89LP51 AT89LP51-20AU |
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 GREEN, PLASTIC, MS-018AC, LCC-44 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44
|
ATMEL Corporation Atmel, Corp.
|
|